|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
480W Single Phase Industrial DIN Rail Power Supply F ea tures : PSP-480S Series AC i nput ra nge s electa ble b y s witch B uilt-in pa s s ive P F C f unction c omplia nce to E N61000-3-2 High e fficiency 8 9% a nd low dis s ipa tion P rotections :S hort circuit/O ver loa d/O ver v olta ge/O ver tempera ture C ooling by f ree a ir c onvection B uilt-in c ons ta nt current limiting circuit C a n be i ns ta lled on D IN r a il T S -35/7.5 o r 1 5 U L 5 08(indus tria l c ontrol e quipment)a pproved E N61000-6-2(E N50082-2) i ndus tria l immunity l evel 100% f ull loa d burn-in tes t 3 y ea rs w a rra nty R SPECIFICATION MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ . R ANGE LINE R EGULATION LOAD REGULATION SETUP, R ISE, HOLD TIME VOLTAGE R ANGE FREQUENCY RANGE POWER FACTOR INPUT EFFICIENCY (Typ.) AC CURRENT INRUSH CURRENT (max.) LEAKAGE C URRENT OVER L OAD PROTECTION OVER VOLTAGE OVER TEMPERATURE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE PSP-48024 24V 20A 0 ~ 20A 480W PSP-48048 48V 10A 0 ~ 10A 480W 120mVp-p 48 ~ 55V 1.0% 0.5% 1.0% 254 ~ 370VDC RIPPLE & NOISE (max.) Note.2 120mVp-p 24 ~ 28V VOLTAGE TOLERANCE Note.3 1.0% 0.5% 1.0% 1200ms, 40ms, 20ms/230VAC, 115VAC at full load 90 ~ 132VAC/180 ~ 264VAC by switch 47 ~ 63Hz 0.7/230VAC only 89% 8A/115V AC 3.3A/230V AC COLD START 27A/115V AC 4.5A/230V AC <3.5mA / 240VAC 105 ~ 150% rated output power Protection type : Constant current limiting, recovers automatically after fault condition is removed 59 ~66V 30 ~ 36V Protection type : Shut down o/p voltage, re-power on to recover 100 5 (TSW : Detect on heatsink of power switch) Protection type : Shut down o/p voltage, recovers automatically after temperature goes down -20 ~ + 70 (Refer to output load derating curve) 20 ~ 90% RH non-condensing -40 ~ + 85 , 10 ~ 95% RH 0.03%/ (0 ~ 50 10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes UL508, EN60950 Approved, UL 60950-1 I/P-O/P:3KVAC I /P-FG:1.5KVAC O/P-FG:0.5KVAC I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC SAFETY & ISOLATION RESISTANCE EMI CONDUCTION & RADIATION Compliance to EN55011 (CISPR11), E N55022 (CISPR22), E N61204-3 Class B EMC (Note 4) HARMONIC CURRENT EMS IMMUNITY MTBF DIMENSION PACKING Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11, ENV50204, EN61204-3, EN61000-6-2 (EN50082-2) Heavy industry level, criteriaA 187.9Khrs min. MIL-HDBK-217F (25 ) 227*125.2*100mm (W*H*D) 2.6Kg; 6pcs / 16.6Kg / 1.75CUFT OTHERS NOTE 1. A ll parameters N OT s pecially mentioned a re measured a t 230VAC i nput, r ated load a nd 25 of ambient temperature. 2. R ipple & n oise a re measured a t 20MHz o f bandwidth by using a 1 2" twisted pair-wire terminated with a 0 .1uf & 4 7uf parallel capacitor. 3. T olerance : i ncludes s et up tolerance, line regulation a nd load regulation. 4. T he power s upply is c onsidered a c omponent which will be installed into a f inal equipment. T he final equipment must be re-confirmed that it still meets E MC d irectives. 35 Royal Road, Flemington, NJ 08822-6000 * (tel.) 908-806-9400 * (fax) 908-806-9490 * www.altechcorp.com 480W Single Phase Industrial DIN Rail Power Supply Mechanical Specification PSP-480S Series 100 227 56.6 10 6 125.2 12 230VAC 115VAC TB1 321 LE D TB2 4321 +V ADJ. 35 ADMISSIBLE DIN-RAIL:TS35/7.5 OR TS35/15 TB1 Terminal Pin. No Assignment Pin No. 1 2 3 Assignment AC/L AC/N FG TB2 Terminal Pin. No Assignment Pin No. 1,2 3,4 Assignment DC OUTPUT +V DC OUTPUT -V Derating Curve Output Derating VS Input Voltage 100 80 60 100 90 80 70 180 ~ 264VAC 90 ~ 132VAC LOAD (%) 40 20 LOAD (%) 0 10 20 30 40 50 60 70 (VERTICAL) 60 50 40 -20 90 180 100 190 115 230 132 264 AMBIENT TEMPERATURE ( ) INPUT VOLTAGE (V) 60Hz 35 Royal Road, Flemington, NJ 08822-6000 * (tel.) 908-806-9400 * (fax) 908-806-9490 * www.altechcorp.com |
Price & Availability of PSP480S1 |